Part Number Hot Search : 
15N12 SC1538 R7S00808 TSOP341 AT138 71660 DTU09N03 1N5946B
Product Description
Full Text Search
 

To Download DMC16202N-LY-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMC16202N-LY-B (am) no.97-0044 optrex corporation page 1/15 optrex type no. ******* march 13, 1997 first edition final revision quality assurance div. production div. checked by checked by approved by production div. design engineering div. prepared by lcd module specification dmc16202n?y? table of contents 1. general specifications.................................................................2 2. electrical specifications...............................................................3 3. optical specifications..................................................................6 4. i/o terminal..............................................................................8 5. test........................................................................................10 6. appearance standards................................................................11 7. code system of production lot................................................14 8. type number...........................................................................14 9. applying precautions................................................................14 10. handling precautions................................................................15 revision history rev. date page comment
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 2/15 optrex 1. general specifications operating temp. : min. 0?c ~ max. 50?c storage temp. : min. -20?c ~ max. 70?c display format : 16 characters 2 lines display fonts : 5 8 dots ( 1 character ) viewing area : 61.0 (w) 16.0 (h) mm outline dimensions : 84.0 (w) 45.0 (h) 15.1 (d) mm weight : 30g max. lcd type : ntd-7262 ( stn / neutral-mode / transmissive ) viewing angle : 6:00 backlight : led backlight / yellow-green drawings : dimensional outline ue-31614a
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 3/15 optrex 2. electrical specifications 2.1. absolute maximum ratings v ss =0v parameter symbol conditions min. max. units supply voltage (logic) v cc -v ss -0.3 7.0 v supply voltage (lcd drive) v cc -v ee 0 13.0 v input voltage v i -0.3 v cc +0.3 v 2.2. dc characteristics ta=25?c, v ss =0v parameter symbol conditions min. typ. max. units supply voltage (logic) v cc -v ss 4.5 5.5 v supply voltage (lcd drive) v cc -v ee shown in 3.1 v high level input voltage v ih v cc =5.0v?0% 2.2 v cc v low level input voltage v il v cc =5.0v?0% 0 0.6 v high level output voltage v oh i oh =-0.205ma 2.4 v cc v low level output voltage v ol i ol =1.2ma 0 0.4 v supply current i cc v cc -v ss =5.0v 2.0 5.0 ma
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 4/15 optrex 2.3. ac characteristics v cc =5.0v?0% parameter symbol conditions min. max. units enable cycle time t cyc fig.1, 2 500 ns enable pulse width pw eh fig.1, 2 230 ns enable rise/fall time t e r, t e f fig.1, 2 20 ns address setup time t as fig.1, 2 40 ns address hold time t ah fig.1, 2 10 ns write data setup time t dsw fig.1 80 ns write data hold time t dhw fig.1 10 ns read data delay time t ddr fig.2 160 ns read data hold time t dhr fig.2 5 ns fig.1 write operation timing fig.2 read operation timing e r/w v ih v il pw eh v il t cyc t e r t e f t dsw t dhw t ah t as v il rs db0~db7 valid data v ih v il v ih v il v ih v il v il v ih v il v ih v il e r/w v ih v ih v ih pw eh t ddr t e f t cyc t dhr t e r t ah t as v il rs db0~db7 valid data v ih v il v ih v il v ih v il v il v oh v ol v oh v ol
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 5/15 optrex 2.4. lighting specifications 2.4.1. absolute maximum ratings ta=25?c parameter symbol conditions min. typ. max. units foward current i f note 1 180 ma reverse voltage v r 8 v led power dissipation p d 0.8 w note 1 : refer to the foward current derating curve. 2.4.2. operating characteristics ta=25?c parameter symbol conditions min. typ. max. units foward voltage v f i f = 90ma 3.8 4.0 4.2 v luminance of backlight surface l i f = 90ma 55 cd/m 2 50 25 0 ta (?c) 105 180 if (ma)
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 6/15 optrex 3. optical specifications 3.1. lcd driving voltage parameter symbol conditions min. typ. max. units recommended ta= 0?c 5.1 v lcd driving voltage v cc -v ee ta=25?c 4.3 4.6 4.9 v note 1 ta=50?c 4.0 v note 1 : voltage (applied actual waveform to lcd module) for the best contrast. the range of minimum and maximum shows tolerance of the operating voltage. the specified contrast ratio and response time are not guaranteed over the entire range. 3.2. optical characteristics ta=25?c, 1/16 duty, 1/4.5 bias, v d =4.6v (note 4), q = 0?, f = parameter symbol conditions min. typ. max. units contrast ratio note 1 cr q = 0?, f = 5 viewing angle shown in 3.3 response rise note 2 t r 130 200 ms time decay note 3 t d 180 280 ms note 1 : contrast ratio is definded as follows. cr = l off / l on l on : luminance of the on segments l off : luminance of the off segments note 2 : the time that the luminance level reaches 90% of the saturation level from 0% when on signal is applied. note 3 : the time that the luminance level reaches 10% of the saturation level from 100% when off signal is applied. note 4 : definition of driving voltage v d assuming that the typical driving waveforms shown below are applied to the lcd panel at 1/a duty - 1/b bias ( a : duty number, b : bias number ). driving voltage v d is definded as follows. v d = (vth1+vth2) / 2 vth1 :the voltage v o-p that should provide 50% of the satulation level in the luminance at the segment which the on signal is applied to. vth2 :the voltage v o-p that should provide 50% of the satulation level in the luminance at the segment which the off signal is applied to. v o-p 1 / f f ( b-2 ) v o-p / b 1 / ( f f a ) (off signal) (on signal)
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 7/15 optrex 3.3. definition of viewing angle and optimum viewing area ?oint l shows the point where contrast ratio is measured. : q = 0?, f = ?riving condition : 1/16 duty, 1/4.5 bias, v d =4.6v, f f =84.4hz ?rea shows typ. cr 3 2 3.4. system block diagram 0? 90? 180? 270? q f 270? 135? 315? 225? 45? 180? 90? q ( f = 0?) f 10 20 30 40 50 f halogen bulb computer rotation table ( q , f ) temperature chamber lcd optical fiber waveform generator control unit & #1980a wb photometer q
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 8/15 optrex 4. i/o terminal 4.1. pin assignment no. symbol level function 1 v ss power supply (0v, gnd) 2 v cc power supply for logic 3 v ee power supply for lcd drive 4 rs h / l register select signal 5 r/w h / l h : read l : write 6 e h, h ? l enable signal (no pull-up resister) 7 db0 h / l data bus line / non-connection at 4-bit operation 8 db1 h / l data bus line / non-connection at 4-bit operation 9 db2 h / l data bus line / non-connection at 4-bit operation 10 db3 h / l data bus line / non-connection at 4-bit operation 11 db4 h / l data bus line 12 db5 h / l data bus line 13 db6 h / l data bus line 14 db7 h / l data bus line 15 led cathode led cathode terminal 16 led anode led anode terminal 4.2. example of power supply it is recommended to apply a potentiometer for the contrast adjust due to the tolerance of the driving voltage and its temperature dependence. module vcc vee vss vcc (+voltage) vr=10~20 k w vss (0v) vr
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 9/15 optrex 4.3. block diagram
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 10/15 optrex 5. test no change on display and in operation under the following test condition. no. parameter conditions notes 1 high temperature operating 50?c??c, 96hrs (operation state) 2 low temperature operating 0?c??c, 96hrs (operation state) 3 3 high temperature storage 70?c??c, 96hrs 4 4 low temperature storage -20?c??c, 96hrs 3, 4 5 damp proof test 40?c??c, 90~95%rh, 96hrs 3, 4 6 vibration test total fixed amplitude : 1.5mm 5 vibration frequency : 10~55hz one cycle 60 seconds to 3 directions of x, y, z for each 15 minutes 7 shock test to be measured after dropping from 60cm high on the concrete surface in packing state. note 1 : unless otherwise specified, tests will be conducted under the following condition. temperature : 20??c humidity : 65?% note 2 : unless otherwise specified, tests will be not conducted under functioning state. note 3 : no dew condensation to be observed. note 4 : the function test shall be conducted after 4 hours storage at the normal temperature and humidity after removed from the test chamber. note 5 : vibration test will be conducted to the product itself without putting it in a container. e a g d c f 60cm concrete surface dropping method corner dropping e,f,g face : once b,c,d edge : once a corner : once face dropping edge dropping b
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 11/15 optrex 6. appearance standards 6.1. inspection conditions the lcd shall be inspected under 40w white fluorescent light. the distance between the eyes and the sample shall be more than 30cm. all directions for inspecting the sample should be within 45?against perpendicular line. 6.2. definition of applicable zones a zone : active display area b zone : area from outside of "a zone" to validity viewing area c zone : rest parts a zone + b zone = validity viewing area a zone b zone c zone bezel flame 45?
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 12/15 optrex 6.3. standards no. parameter criteria 1 black and (1) round shape white spots, zone acceptable number foreign substances dimension (mm) a b c d 0.1 * * * 0.1 < d 0.2 5 5 * 0.2 < d 0.3 0 1 * 0.3 < d 0 0 * d = ( long + short ) / 2 * : disregard (2) line shape zone acceptable number x(mm) y(mm) a b c 0.02 3 w * * * 2.0 3 l 0.03 3 w 3 3 * 1.0 3 l 0.04 3 w 1 2 * 1.0 3 l 0.05 3 w 0 2 * 0.05 DMC16202N-LY-B (am) no.97-0044 optrex corporation page 13/15 optrex no. parameter criteria 3 the shape of dot (1) dot shape (with dent) as per the sketch of left hand. (2) dot shape (with projection) should not be connected to next dot. (3) pin hole (x+y) / 2 0.2mm (less than 0.1mm is no counted.) total defects shall not exceed 5. 4 polarizer scratches not to be conspicuous defects. 5 polarizer dirts if the stains are removed easily from lcdp surface, the module is not defective. 6 color variation not to be conspicuous defects. 0.15 3 y x
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 14/15 optrex 7. code system of production lot the production lot of module is specified as follows : factory number factory code (alphabet) production week (1~5) production month (1~9, x, y, z) production year (lower 2 digits) 8. type number the type number of module is specified on the back of module as follows : dmc16202 n?y? stamp etching or printing 9. applying precautions please contact us when questions and/or new problems not specified in this specifications arise.
DMC16202N-LY-B (am) no.97-0044 optrex corporation page 15/15 optrex 10. handling precautions operex products are designed for use in ordinary electronic devices such as business machines, telecommunications equipment, measurement devices and etc.. optrex products are not designed, intended, or authorized for use in any application in which the failure of the product could result in a situation where personal injury or death may occur. these applications include, but are not limited to, life-sustaining equipment, nuclear control devices, aerospace equipment, devices related to hazardous or flammable materials, etc. (if buyer intends to purchase or use the optrex products for such unintended or unauthorized applications, buyer must secure prior written consent to such use by a responsible officer of optrex corporation.) should buyer purchase or use optrex products for any such unintended or unauthorized application (without such consent), buyer shall indemnify and hold optrex and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney's fees, arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that optrex was negligent regarding the design or manufacture of the part. 1) lcd may be broken because it is made of glass. 2) polarizer is a soft material and can easily be scratched. 3) please avoid static electricity. ? please be sure to ground human body and electric appliances during work. - it is preferable to use conductive mat on table and wear cotton clothes or conduction processed fiber. synthetic fiber is not recommended. ? please slowly peel off protective film, because static electricity may be charged. 4) if it is necessary to store lcd modules for a long time, please comply with the following procedures. if storage condition is not satisfactory, display (especially polarizer) may be deteriorated or soldering i/o terminals may become difficult (some oxide is generated at i/o terminals plating). ? store as delivered by optrex - if you store as unpacked, put in anti-static bag, seal its opening and store where it is not subjected to direct sunshine nor fluorescent lamp. ? store at temperature 0 to +35?c and at low humidity. please refer to our specification sheets for storage temperature range and humidity condition. 5) the module does not contain excess current limiter. please design the limiter to cut excess current in your power supply circuit. 6) liquid crystal may be leaked when display is broken. never taste it. if your hands or clothes touch it, please immediately wash using soap. 7) the connection between the bezel and v ss (gnd) is not specified in the module. (some module do not maintain connection between them.) please consult optrex to specify the connection. optrex shall not be responsible for any infringement of industrial property rights of third parties in any country arising out of the application or use of optrex products, except which directly concern the structure or production of such products.


▲Up To Search▲   

 
Price & Availability of DMC16202N-LY-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X